PART |
Description |
Maker |
SMCJ15 SMCJ16 SMCJ43 SMCJ5.0 SMCJ9.0 SMCJ6.0 SMCJ1 |
1500 Watts Suface Mount Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
1N6377RL4 MPTE-12RL4 MPTE-12G 1N6374RL4 ONSEMICOND |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
STFW4N150 STFV4N150 STFV4N15008 STP4N150 STW4N150 |
N-channel 1500 V - 5 楼? - 4 A - PowerMESH垄芒 Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF N-channel 1500 V - 5 Ω - 4 A - PowerMESH Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF N-channel 1500 V - 5 Ω - 4 A - PowerMESH?/a> Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
|
STMicroelectronics
|
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CM1500HC-66R |
HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE 1500 A, 3300 V, N-CHANNEL IGBT
|
Mitsubishi Electric Semiconductor
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
ZXTC2045E6 ZXTC2045E6TA ZXTC2045E6TC |
Dual 40V complementary transistors in SOT23-6 1500 mA, 30 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes Incorporated
|
RTF015N0309 RTF015N03TL |
2.5V Drive Nch MOSFET 1500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Rohm
|
1N60 1N6072A 1N6036 1N6036A 1N6037 1N6037A 1N6038 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors SMSTB 2,5/22-G-5,08 MSTBA 2,5/ 4-G-LA SMSTBA 2,5/18-G SMSTBA 2,5/ 3-G MSTBA 2,5/12-G-LA MSTBA 2,5/16-G-LA
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
SMCJ36A SMCJ5V0A SMCJ5V0CA SMCJ6V5A SMCJ26A SMCJ12 |
1500 Watt Transient Voltage Suppressors Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Clocked 'D' Latch 16-CDIP -55 to 125
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
1.5KE22A 1.5KE33A 1.5KE91A 1.5KE18A 1.5KE68A 1.5KE |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 Watt MosorbE Zener Transient Voltage Transient Voltage 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106B; No. of Contacts:2; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No ; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-5 RoHS Compliant: Yes 1500 Watt MosorbTM Zener,Transient Voltage Suppressors(1500W MosorbTM齐纳抗雷TVS))
|
ONSEMI[ON Semiconductor]
|
1.5FMCJ62A 1.5FMCJ91A 1.5FMCJ68A 1.5FMCJ43A 1.5FMC |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
|
RECTRON LTD Rectron Semiconductor
|
|